PART |
Description |
Maker |
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
BAT14 BAT14-03W |
Silicon Schottky Diode Schottky Diodes - RF Schottky diode for DBS mixer application to 12GHz
|
Infineon Technologies A... Infineon Technologies AG
|
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
CMPSH-3SE CMPSH-3AE CMPSH-3CE CMPSH-3E |
SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current SMD Schottky Diode Dual: High Current: Common Anode ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
NTLJF3118N NTLJF3118NTAG NTLJF3118NTBG |
Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
|
ON Semiconductor
|
MBRX120-TP MBRX160 MBRX12011 MBRX140 |
DIODE SCHOTTKY 20V 1A SOD123 1 A, 20 V, SILICON, SIGNAL DIODE 1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
|
Micro Commercial Components, Corp.
|
Q67040S4647 SDT08S60 |
Silicon Carbide Schottky Diodes - 8A diode in TO220-2 package Thinq SiC Schottky Diode
|
Infineon Technologies AG
|
DSA60C100PB DSA50C100HB DSA50C100QB DSA50C100QB-1 |
Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
|
IXYS Corporation
|
BAS40-04-GS18 BAS40-04-V-G-18 BAS40-00-V-G-18 |
Diode Small Signal Schottky 40V 0.2A 3-Pin SOT-23 T/R SCHOTTKY DIODE SOT23-E3-G
|
Vishay Semiconductors
|